PART |
Description |
Maker |
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
CQ220-10B CQ220-10D CQ220-10M CQ220-10N |
10 AMP TRIAC 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 400 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 800 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp.
|
CQ220I-12D CQ220I-12N CQ220I-12M CQ220I-12B |
ISOLATED TAB TRIAC 12 AMP 200 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
T0505XH T0509DH T0509SH T0509MH T0509NH T0509XH T0 |
From old datasheet system SENSITIVE GATE TRIACS 400 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 800 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
NTE56010 NTE56004 NTE56006 NTE56008 NTE56009 |
(NTE56004 - NTE56010) TRIAC / 15 Amp TRIAC, 15 Amp 200 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
NTE[NTE Electronics]
|
TM1261S-L TM1241S-L |
Triacs TO-220F 12A Triac 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. SANKEN ELECTRIC CO LTD
|
MAC97A8 |
4Q Triac 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
NXP Semiconductors N.V.
|
Z0107NA0 |
4Q Triac 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
NXP Semiconductors N.V.
|
BTA202X-800D BTA202X-800E BTA202X-600D BTA202X-600 |
2 A Three-quadrant triacs high commutation - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 2.0 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 2 A Three-quadrant high commutation triac
|
NXP Semiconductors N.V.
|
BT138-800 BT138-800F BT138-800G BT138 BT138-500 BT |
Triacs sensitive gate CAP, 0.1UF, 100V, 5%, POLYESTER Triacs(双向可控 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Octal Bus Transceivers with 3-State Outputs 20-LCCC -55 to 125 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BTA201W08 BTA201W-600E BTA201W-800E |
1 A Three-quadrant triacs high commutation Logic level three-quadrant triac BTA201W-600E<SOT223 (SC-73)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,; Logic level three-quadrant triac BTA201W-800E<SOT223 (SOT223)|<<http://www.nxp.com/packages/SOT223.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
|